Part Number Hot Search : 
MB90V 0831048 BC847BV1 T2802B 79L05 5KE10 IRF640B SD5000
Product Description
Full Text Search
 

To Download BCM8603 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM8603
(R)
EIGHT-PORT SAS/SATA-II TO PCI EXPRESSTM/PCI-X(R) RAID-ON-CHIP
FEATURES * Single-chip solution that integrates:
* Eight ports of SAS/SATA-II 3 Gbit, including a highperformance PHY * On-chip microprocessor * DDR memory controller * XOR engine for RAID5 hardware assist * Host interfaces--PCI-X(R) 1.0/PCI ExpressTM (x4) * Broadcom QDMATM engines * 256 independent command queue entries per port * Advanced interrupt coalescing algorithms * Supports battery-backed write cache
SUMMARY OF BENEFITS * Highly integrated solution reduces design time and complexity
for faster time-to-market
* Data protection in case of power failure with support for
battery-backed write cache * Uses high-performance/reliability SAS disk drives and/or cost effective SATA-II 1.5/3-Gbit drives * Flexible PCI based designs of PCI-X, PCI Express, or both, via an internal bridge * Available enterprise-class RAID stack with the XelCoreTM FulcrumTM architecture * RAID 0, 1, 5, 10, 50, 1n, 10n--split mirroring and hiding * Online--capacity expansion, RAID level migration, and array creation and deletion * Controller spanning--spans up to 4 controllers and 32 drives * Hot sparing and drive roaming * Windows(R) and Linux(R) driver support
* Hot plug support * Peripheral I/O:
* LPC for external Flash/ROM and serial GPIO interface * Dual I2C busses--dual UART and JTAG support * PCI Express to PCI-X bridge * 680-PBGA package
Block Diagram
PCI-Express 4x (2 Gbps) PCI-X 133 MHz/64b
PCI-Express
BRIDGE
PCI-X
On-chip CPU and XOR
Peripheral I/O
DDR
SAS/SATA Ports
LPC I2C Dual UART JTAG SEMB Ctrlr GPIO Ctrlr
DDR Memory Controller
SAS/SATA ports (3 Gbps per port)
OVERVIEW
External Storage System
1-GB DDR Memory
DDR
Server Storage
Processors
Runs iSCSI and management software
4x GbE PHY/iSCSI BCM1255/BCM1280 SiByte Processor Eight SAS/SATA disks
DDR DDR
Memory Memory Controller Controller
DDR DDR
PCI-E
Eight-port BCM8603
RAID
PCI-X
Hyper Transport PCI-X
HT-1000
Eight-port BCM8603
SAS/SATA
DDR
RAID Cache
Southbridge Southbridge
Runs RAID software on internal MIPS
The BCM8603 is a complete PCI-X/PCI-Express to the SAS/SATA-II 3Gbit RAID-on-chip (ROC) solution that significantly reduces CPU utilization, system design time, and complexity. The high-performance ports support 3-Gbit SAS and 1.5-Gbit/3-Gbit SATA-II disk drives. In addition to integrating all hardware necessary to implement highperformance RAID and multiport SAS/SATA connectivity, the BCM8603 integrates a complete RAID stack that runs on the internal MIPS(R) uP, representing a complete subsystem solution that can be easily integrated into a server or external storage system. The BCM8603 device communicates with the host using one of two flexible options of x4 PCI-E or PCI-X 1.0. bridging between the PCI-E and PCI-X interfaces enables extra PCI-X slots for I/O expansion, when the PCI-E interface is used as a host interface to the BCM8603. The BCM8603 attaches directly to eight SAS or SATA-II disk drives via a high-performance, integrated 3-Gbit PHY that is capable of driving long-length backplanes. Hot plug capability is also supported, enabling drives to be inserted and removed without affecting system operation.
Support for battery-backed write cache provides data protection and integrity by supplying power to the DDR cache memory containing write data in the case of power failure. A 1.0 compliant Low Pin Count (LPC) interface is available to connect the BCM8603 to an external Flash/ROM. Four pins are used to implement an SGIO interface for drive activity and general purpose I/O. Dual I2C interfaces running are available to communicate with an external enclosure management device or a serial EEPROM. Applications * * * * Server host-based RAID Server intelligent RAID Virtual disk backup Low-cost external storage
Broadcom(R), the pulse logo, Connecting everything(R), the Connecting everything logo, XelCoreTM, and FulcrumTM are trademarks of Broadcom Corporation and/or its affiliates in the United States, EU and/or certain other countries. Any other trademarks or trade names mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2005 by BROADCOM CORPORATION. All rights reserved. 8603-PB100-R 02/14/05
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM8603

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X